Part Number Hot Search : 
V120MA2S MAX6342 LC107M XC6505 PP100 BUT56 C9404CAH HV857
Product Description
Full Text Search
 

To Download ONYX-152 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ONYX-152
VIA EdenTM CPU based Medical Station with 15" TFT LCD
Features
15" TFT XGA (1024 x 768) LCD Onboard VIA EdenTM 667MHz Fanless CPU System Memory Up to 512 DRAM Medical Certification: EN 60601-1, UL 2601-1 Disk Drive Bay for Slim CD-ROM, Slim Floppy Disk Drive and 2.5" Hard Disk Drive Supports CompactFlashTM and PCMCIA Expansion Slots Desktop, Swivel Arm, Wallmount
CD-ROM & Floppy Disk Drive drive
PS/2 Keyboard & Mouse Mini Din Parallel port RJ-45 Ethernet connector PCI expansion slot Power on/off Power connector
Specifications
System CPU Memory LCD/CRT Controller Ethernet I/O Port VIA EdenTM 667 MHz CPU with FSB 66/100/133 MHz Supports up to 512 MB SDRAM VIA8656 UMA supports up to 32MB display memory CRT & LCD panel support Realtek RTL 8139C, 10/100 Base-Tx RJ-45 connector x 1 3 serial ports: 2 x RS-232, 1 x RS-232/422/485 1 parallel port (supports ECP/EPP) 1 PS/2 mouse and keyboard port 2.5" Hard Disk Drive, Slim Floppy Disk Drive, Slim CD-ROM Dual USB ports Universal 65W Medical Class switching power supply / 70W DC power supply Windows NT4.0, Windows 2000, Linux 8.0, Windows XP Die casting aluminum alloy PMS 408C Desktop, tilting, desktop, and swivel arm 16.5" (W) x 13.1" (H) x 3.4" (D) (420mm x 334mm x 87mm) 21.9" (W) x 20.3" (H) x 13.2" (D) (556mm x 516mm x 335mm) 24.25lb (11Kg)
Brightness Control Dual USB ports Serial COM ports Storage Disk Drive USB Connector Power Supply OS Support Mechanical Construction Front Panel Color Mounting Dimension CompactFlashTM slot Carton Dimension Gross Weight Environmental
Operating Temperature 32F ~ 104F (0C ~ 40C) Type II PCMCIA slot Storage Temperature Humidity Vibration Shock EMC Safety -4F ~ 140F (-20C ~ 60C) 30 to 75%@40C, non-condensing 5-500Hz, 0.15mm 10 cycles 1G 15G peak acceleration (11 msec. duration) CE/FCC Class B UL 2601-1, EN 60601-1-1
1-5
Note: All specifications are subject to change without notice.
Dimension
Unit: mm
393.0
Medical Station Solutions ONYX Series
1
86.4
420.0
32.6 53.8
2
298.0
Fanless Operator Panel Solutions OMNI Series
334.0
3
Robust Panel PC Solutions
4 5
Ordering Information
Power Supply AC Model DC Model LCD Display Type Max. Resolution Max. Colors Dot Size Luminance Viewing Angle Brightness Control Back Light MTBF Touchscreen (optional) Type Resolution Light Transmission Lifetime OS Support 8-wire, analog resistive 2048 x 2048 >75% 1 million activations Windows(R) 2000, Linux 8.0, Windows(R) XP 15" color TFT LCD 1024 x 768 262K 0.297mm x 0.297mm 250 cd/m2 (TYP.) 150 (H) 140 (V) Yes 30,000 hrs Input: 100 ~ 240V AC Full Range, 47 ~ 60Hz Output: +5V@5A, +12V@2.3A, -12V@0.5A Input: +10VDC ~ +30VDC Output: +5V@10A, +12V@1.5A, -12V@0.3A
Industrial Workststion Solutions
Industial Monitor Solutions
* ONYX-152-A1
Drive
Medical PC, 15" TFT, Eden 667, AC PS, CD-ROM, Floppy Disk
6 7
* ONYX-152-A2
Drive
Embedded Control PC BOXER Series
Medical PC, 15" TFT, Eden 667, DC PS, CD-ROM, Floppy Disk
*
ONYX-152T-A1 ONYX-152-A1 with Resistive Touchscreen ONYX-152-A2 with Resistive Touchscreen
* ONYX-152T-A2
Accessory Sunreadable LCD Monitors
8
Common Accessories
Optional Accessories
* ARM-LA0115
Swivel Arm with VESA 75/100 mm Standards Wallmount Kit with VESA 75/100 mm Standards Desktop Stand with VESA 75 mm Standards Desktop Stand with VESA 100mm Standards
* ARM-WK075-0
* STAND-158D00 * STAND-8150B0
www.aaeon.com
1-6


▲Up To Search▲   

 
Price & Availability of ONYX-152

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X